Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 551 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 551 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 547Page - Renesas Technology Corp HD64F36049 Datasheet HTML 548Page - Renesas Technology Corp HD64F36049 Datasheet HTML 549Page - Renesas Technology Corp HD64F36049 Datasheet HTML 550Page - Renesas Technology Corp HD64F36049 Datasheet HTML 551Page - Renesas Technology Corp HD64F36049 Datasheet HTML 552Page - Renesas Technology Corp HD64F36049 Datasheet HTML 553Page - Renesas Technology Corp HD64F36049 Datasheet HTML 554Page - Renesas Technology Corp HD64F36049 Datasheet HTML 555Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 562 page
background image
Rev. 3.00 Mar. 15, 2006 Page 519 of 526
REJ09B0060-0300
Item
Page Revision (See Manual for Details)
Amended
Bit
Bit Name Description
3
STOP
Stop Condition Detection Flag
[Setting conditions]
• In master mode, when a stop
condition is detected after frame
transfer
• In slave mode, when a stop
condition is detected after the
general call address or the first
byte slave address, next to
detection of start condition,
accords with the address set in
SAR
18.3.5 I
2C Bus Status Register
(ICSR)
353
18.7 Usage Note
375
Added
19.3.1 A/D Data Registers A to D
(ADDRA to ADDRD)
380
Amended
…. The temporary register contents are transferred
from the ADDR when the upper byte data is read.
Therefore, byte access to ADDR should be done by
reading the upper byte first then the lower one. Word
access is also possible. ADDR is initialized to H'0000.
Figure 20.1 Block Diagram of
Power-On Reset Circuit and Low-
Voltage Detection Circuit
392
Amended
RES
CRES
Amended
Mode
RES Pin Internal State
Active mode 1
Operates
Active mode 2
V
CC
Operates (
φ
OSC/64)
Sleep mode 1
Only timers operate
Sleep mode 2
V
CC
Only timers operate (
φ
OSC/64)
Table 23.2 DC Characteristics (1)
Table 23.11 DC Characteristics
(1)
431,
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com