Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 547 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 547 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 543Page - Renesas Technology Corp HD64F36049 Datasheet HTML 544Page - Renesas Technology Corp HD64F36049 Datasheet HTML 545Page - Renesas Technology Corp HD64F36049 Datasheet HTML 546Page - Renesas Technology Corp HD64F36049 Datasheet HTML 547Page - Renesas Technology Corp HD64F36049 Datasheet HTML 548Page - Renesas Technology Corp HD64F36049 Datasheet HTML 549Page - Renesas Technology Corp HD64F36049 Datasheet HTML 550Page - Renesas Technology Corp HD64F36049 Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 562 page
background image
Rev. 3.00 Mar. 15, 2006 Page 515 of 526
REJ09B0060-0300
Main Revisions and Additions in this Edition
Item
Page Revision (See Manual for Details)
Preface
Notes
vii
Added
When using an on-chip emulator (E7 or E8) for
H8/36049 Group program development and debugging,
the following restrictions must be noted.
1. The NMI pin is reserved for the E7 or E8, and cannot
be used.
2. Pins P85, P86, and P87 cannot be used.
3. Area H'FFF780 to H'FFFB7F must on no account be
accessed.
4. When the E7 or E8 is used, address breaks can be
set as either available to the user or for use by the
E7 or E8. If address breaks are set as being used by
the E7 or E8, the address break control registers
must not be accessed.
5. When the E7 or E8 is used, NMI is an input/output
pin (open-drain in output mode), P85 and P87 are
input pins, and P86 is an output pin.
Amended
Bit Bit Name Description
3
NESEL
Noise Elimination Sampling
Frequency Select
…. This bit selects the sampling
frequency of the oscillator clock
when the watch clock signal (
φ
W) is
sampled. When
φ
OSC = 4 to 20 MHz,
clear NESEL to 0.
6.1.1 System Control Register 1
(SYSCR1)
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com