Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 549 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 549 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 545Page - Renesas Technology Corp HD64F36049 Datasheet HTML 546Page - Renesas Technology Corp HD64F36049 Datasheet HTML 547Page - Renesas Technology Corp HD64F36049 Datasheet HTML 548Page - Renesas Technology Corp HD64F36049 Datasheet HTML 549Page - Renesas Technology Corp HD64F36049 Datasheet HTML 550Page - Renesas Technology Corp HD64F36049 Datasheet HTML 551Page - Renesas Technology Corp HD64F36049 Datasheet HTML 552Page - Renesas Technology Corp HD64F36049 Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 562 page
background image
Rev. 3.00 Mar. 15, 2006 Page 517 of 526
REJ09B0060-0300
Item
Page Revision (See Manual for Details)
Amended
Bit Bit Name
Description
0
SYNC
Timer Synchronization
0: TCNT_1 and TCNT_0 operate
as a different timer
1: TCNT_1 and TCNT_0 are
synchronized
TCNT_1 and TCNT_0 can be
pre-set or cleared synchronously
14.3.2 Timer Mode Register
(TMDR)
221
14.3.7 Timer Counter (TCNT)
228
….The TCNT counters cannot be accessed in 8-bit
units; they must always be accessed as a 16-bit unit.
TCNT is initialized to H'0000.
Figure 14.17 Example of Input
Capture Operation
245
Amended
Counter cleared by FTIOB input (falling edge)
Time
14.4.4 Synchronous Operation
248
Added
Figure 14.20 shows an example of synchronous
operation. In this example, …. set for the channel 1
counter clearing source. In addition, the same input
clock has been set as the counter input clock for
channel 0 and channel 1. Two-phase PWM waveforms
are….



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com