Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 140Page - Renesas Technology Corp HD64F36049 Datasheet HTML 141Page - Renesas Technology Corp HD64F36049 Datasheet HTML 142Page - Renesas Technology Corp HD64F36049 Datasheet HTML 143Page - Renesas Technology Corp HD64F36049 Datasheet HTML 144Page - Renesas Technology Corp HD64F36049 Datasheet HTML 145Page - Renesas Technology Corp HD64F36049 Datasheet HTML 146Page - Renesas Technology Corp HD64F36049 Datasheet HTML 147Page - Renesas Technology Corp HD64F36049 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 562 page
background image
Section 9 I/O Ports
Rev. 3.00 Mar. 15, 2006 Page 112 of 526
REJ09B0060-0300
9.1.1
Port Mode Register 1 (PMR1)
PMR1 switches the functions of pins in port 1 and port 2.
Bit
Bit Name
Initial
Value
R/W
Description
7
IRQ3
0
R/W
Selects the function of pin P17/
IRQ3/TRGV.
0: General I/O port
1:
IRQ3/TRGV input pin
6
IRQ2
0
R/W
Selects the function of pin P16/
IRQ2.
0: General I/O port
1:
IRQ2 input pin
5
IRQ1
0
R/W
Selects the function of pin P15/
IRQ1/TMIB1.
0: General I/O port
1:
IRQ1/TMIB1 input pin
4
IRQ0
0
R/W
Selects the function of pin P14/
IRQ0.
0: General I/O port
1:
IRQ0 input pin
3
TXD2
0
R/W
Selects the function of pin P72/TXD_2.
0: General I/O port
1: TXD_2 output pin
2
PWM
0
R/W
Selects the function of pin P11/PWM.
0: General I/O port
1: PWM output pin
1
TXD
0
R/W
Selects the function of pin P22/TXD.
0: General I/O port
1: TXD output pin
0
TMOW
0
R/W
Selects the function of pin P10/TMOW.
0: General I/O port
1: TMOW output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com