Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 144Page - Renesas Technology Corp HD64F36049 Datasheet HTML 145Page - Renesas Technology Corp HD64F36049 Datasheet HTML 146Page - Renesas Technology Corp HD64F36049 Datasheet HTML 147Page - Renesas Technology Corp HD64F36049 Datasheet HTML 148Page - Renesas Technology Corp HD64F36049 Datasheet HTML 149Page - Renesas Technology Corp HD64F36049 Datasheet HTML 150Page - Renesas Technology Corp HD64F36049 Datasheet HTML 151Page - Renesas Technology Corp HD64F36049 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 562 page
background image
Section 9 I/O Ports
Rev. 3.00 Mar. 15, 2006 Page 116 of 526
REJ09B0060-0300
• P10/TMOW pin
Register
PMR1
PCR1
Bit Name
TMOW
PCR10
Pin Function
Setting value
0
0
P10 input pin
1
P10 output pin
1
X
TMOW output pin
[Legend]
X: Don't care.
9.2
Port 2
Port 2 is a general I/O port also functioning as SCI3 I/O pins. Each pin of the port 2 is shown in
figure 9.2. The register settings of PMR1 and SCI3 have priority for functions of the pins for both
uses.
P22/TXD
P21/RXD
P20/SCK3
P23
P24
Port 2
Figure 9.2 Port 2 Pin Configuration
Port 2 has the following registers.
• Port control register 2 (PCR2)
• Port data register 2 (PDR2)
• Port mode register 3 (PMR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com