Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 148Page - Renesas Technology Corp HD64F36049 Datasheet HTML 149Page - Renesas Technology Corp HD64F36049 Datasheet HTML 150Page - Renesas Technology Corp HD64F36049 Datasheet HTML 151Page - Renesas Technology Corp HD64F36049 Datasheet HTML 152Page - Renesas Technology Corp HD64F36049 Datasheet HTML 153Page - Renesas Technology Corp HD64F36049 Datasheet HTML 154Page - Renesas Technology Corp HD64F36049 Datasheet HTML 155Page - Renesas Technology Corp HD64F36049 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 562 page
background image
Section 9 I/O Ports
Rev. 3.00 Mar. 15, 2006 Page 120 of 526
REJ09B0060-0300
9.3
Port 3
Port 3 is a general I/O port. Each pin of the port 3 is shown in figure 9.3.
P35
P36
P37
P30
P34
P33
P32
P31
Port 3
Figure 9.3 Port 3 Pin Configuration
Port 3 has the following registers.
• Port control register 3 (PCR3)
• Port data register 3 (PDR3)
9.3.1
Port Control Register 3 (PCR3)
PCR3 selects inputs/outputs in bit units for pins to be used as general I/O ports of port 3.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PCR37
PCR36
PCR35
PCR34
PCR33
PCR32
PCR31
PCR30
0
0
0
0
0
0
0
0
W
W
W
W
W
W
W
W
Setting a PCR3 bit to 1 makes the corresponding pin
an output port, while clearing the bit to 0 makes the pin
an input port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com