Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 149Page - Renesas Technology Corp HD64F36049 Datasheet HTML 150Page - Renesas Technology Corp HD64F36049 Datasheet HTML 151Page - Renesas Technology Corp HD64F36049 Datasheet HTML 152Page - Renesas Technology Corp HD64F36049 Datasheet HTML 153Page - Renesas Technology Corp HD64F36049 Datasheet HTML 154Page - Renesas Technology Corp HD64F36049 Datasheet HTML 155Page - Renesas Technology Corp HD64F36049 Datasheet HTML 156Page - Renesas Technology Corp HD64F36049 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 562 page
background image
Section 9 I/O Ports
Rev. 3.00 Mar. 15, 2006 Page 121 of 526
REJ09B0060-0300
9.3.2
Port Data Register 3 (PDR3)
PDR3 is a general I/O port data register of port 3.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P37
P36
P35
P34
P33
P32
P31
P30
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR3 stores output data for port 3 pins.
If PDR3 is read while PCR3 bits are set to 1, the values
stored in PDR3 are read. If PDR3 is read while PCR3
bits are cleared to 0, the pin states are read regardless
of the value stored in PDR3.
9.3.3
Pin Functions
The correspondence between the register specification and the port functions is shown below.
• P37 pin
Register
PCR3
Bit Name
PCR37
Pin Function
Setting Value
0
P37 input pin
1
P37 output pin
• P36 pin
Register
PCR3
Bit Name
PCR36
Pin Function
Setting Value
0
P36 input pin
1
P36 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com