Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 153Page - Renesas Technology Corp HD64F36049 Datasheet HTML 154Page - Renesas Technology Corp HD64F36049 Datasheet HTML 155Page - Renesas Technology Corp HD64F36049 Datasheet HTML 156Page - Renesas Technology Corp HD64F36049 Datasheet HTML 157Page - Renesas Technology Corp HD64F36049 Datasheet HTML 158Page - Renesas Technology Corp HD64F36049 Datasheet HTML 159Page - Renesas Technology Corp HD64F36049 Datasheet HTML 160Page - Renesas Technology Corp HD64F36049 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 562 page
background image
Section 9 I/O Ports
Rev. 3.00 Mar. 15, 2006 Page 125 of 526
REJ09B0060-0300
9.4.2
Port Control Register 5 (PCR5)
PCR5 selects inputs/outputs in bit units for pins to be used as general I/O ports of port 5.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PCR57
PCR56
PCR55
PCR54
PCR53
PCR52
PCR51
PCR50
0
0
0
0
0
0
0
0
W
W
W
W
W
W
W
W
When each of the port 5 pins P57 to P50 functions as a
general I/O port, setting a PCR5 bit to 1 makes the
corresponding pin an output port, while clearing the bit
to 0 makes the pin an input port.
9.4.3
Port Data Register 5 (PDR5)
PDR5 is a general I/O port data register of port 5.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P57
P56
P55
P54
P53
P52
P51
P50
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR5 stores output data for port 5 pins.
If PDR5 is read while PCR5 bits are set to 1, the values
stored in PDR5 are read. If PDR5 is read while PCR5
bits are cleared to 0, the pin states are read regardless
of the value stored in PDR5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com