Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 154Page - Renesas Technology Corp HD64F36049 Datasheet HTML 155Page - Renesas Technology Corp HD64F36049 Datasheet HTML 156Page - Renesas Technology Corp HD64F36049 Datasheet HTML 157Page - Renesas Technology Corp HD64F36049 Datasheet HTML 158Page - Renesas Technology Corp HD64F36049 Datasheet HTML 159Page - Renesas Technology Corp HD64F36049 Datasheet HTML 160Page - Renesas Technology Corp HD64F36049 Datasheet HTML 161Page - Renesas Technology Corp HD64F36049 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 562 page
background image
Section 9 I/O Ports
Rev. 3.00 Mar. 15, 2006 Page 126 of 526
REJ09B0060-0300
9.4.4
Port Pull-Up Control Register 5 (PUCR5)
PUCR5 controls the pull-up MOS in bit units of the pins set as the input ports.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
0
0
Reserved
These bits are always read as 0.
5
4
3
2
1
0
PUCR55
PUCR54
PUCR53
PUCR52
PUCR51
PUCR50
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Only bits for which PCR5 is cleared are valid. The pull-
up MOSs of the corresponding pins enter the on-state
when these bits are set to 1, while they enter the off-
state when these bits are cleared to 0.
9.4.5
Pin Functions
The correspondence between the register specification and the port functions is shown below.
• P57/SCL pin
Register
ICCR
PCR5
Bit Name
ICE
PCR57
Pin Function
Setting Value
0
0
P57 input pin
1
P57 output pin
1
X
SCL I/O pin
[Legend]
X: Don't care.
SCL performs the NMOS open-drain output, that enables a direct bus drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com