Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 162Page - Renesas Technology Corp HD64F36049 Datasheet HTML 163Page - Renesas Technology Corp HD64F36049 Datasheet HTML 164Page - Renesas Technology Corp HD64F36049 Datasheet HTML 165Page - Renesas Technology Corp HD64F36049 Datasheet HTML 166Page - Renesas Technology Corp HD64F36049 Datasheet HTML 167Page - Renesas Technology Corp HD64F36049 Datasheet HTML 168Page - Renesas Technology Corp HD64F36049 Datasheet HTML 169Page - Renesas Technology Corp HD64F36049 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 562 page
background image
Section 9 I/O Ports
Rev. 3.00 Mar. 15, 2006 Page 134 of 526
REJ09B0060-0300
9.6
Port 7
Port 7 is a general I/O port also functioning as a timer V I/O pin and SCI3_2 I/O pin. Each pin of
the port 7 is shown in figure 9.6. The register settings of the timer V and SCI3_2 have priority for
functions of the pins for both uses.
P76/TMOV
P77
P75/TMCIV
P74/TMRIV
P72/TXD_2
P71/RXD_2
P70/SCK3_2
Port 7
Figure 9.6 Port 7 Pin Configuration
Port 7 has the following registers.
• Port control register 7 (PCR7)
• Port data register 7 (PDR7)
9.6.1
Port Control Register 7 (PCR7)
PCR7 selects inputs/outputs in bit units for pins to be used as general I/O ports of port 7.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PCR77
PCR76
PCR75
PCR74
PCR72
PCR71
PCR70
0
0
0
0
0
0
0
W
W
W
W
W
W
W
When each of the port 7 pins P77 to P74 and P72 to
P70 functions as a general I/O port, setting a PCR7 bit
to 1 makes the corresponding pin an output port, while
clearing the bit to 0 makes the pin an input port.
Bit 3 is a reserved bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com