Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 163Page - Renesas Technology Corp HD64F36049 Datasheet HTML 164Page - Renesas Technology Corp HD64F36049 Datasheet HTML 165Page - Renesas Technology Corp HD64F36049 Datasheet HTML 166Page - Renesas Technology Corp HD64F36049 Datasheet HTML 167Page - Renesas Technology Corp HD64F36049 Datasheet HTML 168Page - Renesas Technology Corp HD64F36049 Datasheet HTML 169Page - Renesas Technology Corp HD64F36049 Datasheet HTML 170Page - Renesas Technology Corp HD64F36049 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 562 page
background image
Section 9 I/O Ports
Rev. 3.00 Mar. 15, 2006 Page 135 of 526
REJ09B0060-0300
9.6.2
Port Data Register 7 (PDR7)
PDR7 is a general I/O port data register of port 7.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P77
P76
P75
P74
P72
P71
P70
0
0
0
0
1
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR7 stores output data for port 7 pins.
If PDR7 is read while PCR7 bits are set to 1, the values
stored in PDR7 are read. If PDR7 is read while PCR7
bits are cleared to 0, the pin states are read regardless
of the value stored in PDR7.
Bit 3 is a reserved bit. This bit is always read as 1.
9.6.3
Pin Functions
The correspondence between the register specification and the port functions is shown below.
• P77 pin
Register
PCR7
Bit Name
PCR77
Pin Function
Setting Value
0
P77 input pin
1
P77 output pin
• P76/TMOV pin
Register
TCSRV
PCR7
Bit Name
OS3 to OS0 PCR76
Pin Function
Setting Value
0000
0
P76 input pin
1
P76 output pin
Other than
above
X
TMOV output pin
[Legend]
X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com