Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 179Page - Renesas Technology Corp HD64F36049 Datasheet HTML 180Page - Renesas Technology Corp HD64F36049 Datasheet HTML 181Page - Renesas Technology Corp HD64F36049 Datasheet HTML 182Page - Renesas Technology Corp HD64F36049 Datasheet HTML 183Page - Renesas Technology Corp HD64F36049 Datasheet HTML 184Page - Renesas Technology Corp HD64F36049 Datasheet HTML 185Page - Renesas Technology Corp HD64F36049 Datasheet HTML 186Page - Renesas Technology Corp HD64F36049 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 562 page
background image
Section 10 Realtime Clock (RTC)
Rev. 3.00 Mar. 15, 2006 Page 151 of 526
REJ09B0060-0300
10.3.3
Hour Data Register (RHRDR)
RHRDR counts the BCD-coded hour value on the carry generated once per hour by RMINDR.
The setting range is either decimal 00 to 11 or 00 to 23 by the selection of the 12/24 bit in
RTCCR1.
Bit
Bit Name
Initial
Value
R/W
Description
7
BSY
—
R
RTC Busy
This bit is set to 1 when the RTC is updating (operating)
the values of second, minute, hour, and day-of-week
data registers. When this bit is 0, the values of second,
minute, hour, and day-of-week data registers must be
adopted.
6
—
0
—
Reserved
This bit is always read as 0.
5
4
HR11
HR10
—
—
R/W
R/W
Counting Ten's Position of Hours
Counts on 0 to 2 for ten's position of hours.
3
2
1
0
HR03
HR02
HR01
HR00
—
—
—
—
R/W
R/W
R/W
R/W
Counting One's Position of Hours
Counts on 0 to 9 once per hour. When a carry is
generated, 1 is added to the ten's position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com