Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 206Page - Renesas Technology Corp HD64F36049 Datasheet HTML 207Page - Renesas Technology Corp HD64F36049 Datasheet HTML 208Page - Renesas Technology Corp HD64F36049 Datasheet HTML 209Page - Renesas Technology Corp HD64F36049 Datasheet HTML 210Page - Renesas Technology Corp HD64F36049 Datasheet HTML 211Page - Renesas Technology Corp HD64F36049 Datasheet HTML 212Page - Renesas Technology Corp HD64F36049 Datasheet HTML 213Page - Renesas Technology Corp HD64F36049 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 562 page
background image
Section 12 Timer V
Rev. 3.00 Mar. 15, 2006 Page 178 of 526
REJ09B0060-0300
12.6
Usage Notes
The following types of contention or operation can occur in timer V operation.
1.
Writing to registers is performed in the T3 state of a TCNTV write cycle. If a TCNTV clear
signal is generated in the T3 state of a TCNTV write cycle, as shown in figure 12.11, clearing
takes precedence and the write to the counter is not carried out. If counting-up is generated in
the T3 state of a TCNTV write cycle, writing takes precedence.
2.
If a compare match is generated in the T3 state of a TCORA or TCORB write cycle, the write
to TCORA or TCORB takes precedence and the compare match signal is inhibited. Figure
12.12 shows the timing.
3.
If compare matches A and B occur simultaneously, any conflict between the output selections
for compare match A and compare match B is resolved by the following priority: toggle
output
> output 1 > output 0.
4.
Depending on the timing, TCNTV may be incremented by a switch between different internal
clock sources. When TCNTV is internally clocked, an increment pulse is generated from the
falling edge of an internal clock signal, that is divided system clock (
φ). Therefore, as shown
in figure 12.3 the switch is from a high clock signal to a low clock signal, the switchover is
seen as a falling edge, causing TCNTV to increment. TCNTV can also be incremented by a
switch between internal and external clocks.
φ
Address
TCNTV address
TCNTV write cycle by CPU
Internal write signal
Counter clear signal
TCNTV
N
H'00
T
1
T
2
T
3
Figure 12.11 Contention between TCNTV Write and Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com