Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 209Page - Renesas Technology Corp HD64F36049 Datasheet HTML 210Page - Renesas Technology Corp HD64F36049 Datasheet HTML 211Page - Renesas Technology Corp HD64F36049 Datasheet HTML 212Page - Renesas Technology Corp HD64F36049 Datasheet HTML 213Page - Renesas Technology Corp HD64F36049 Datasheet HTML 214Page - Renesas Technology Corp HD64F36049 Datasheet HTML 215Page - Renesas Technology Corp HD64F36049 Datasheet HTML 216Page - Renesas Technology Corp HD64F36049 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 562 page
background image
Section 13 Timer W
Rev. 3.00 Mar. 15, 2006 Page 181 of 526
REJ09B0060-0300
Section 13 Timer W
The timer W is a 16-bit timer having output compare and input capture functions. Timer W can
count external events and output pulses with an arbitrary duty cycle by compare match between
the timer counter and four general registers. Thus, it can be applied to various systems.
13.1
Features
• Selection of five counter clock sources: four internal clocks (φ, φ/2, φ/4, φ/8) and an external
clock (external events can be counted)
• Capability to process up to four pulse outputs or four pulse inputs
• Four general registers:
Independently assignable output compare or input capture functions
Usable as two pairs of registers; one register of each pair operates as a buffer for the output
compare or input capture register
• Timer input/output functions
Waveform output by compare match:
Selection of 0 output, 1 output, or toggle output
Input capture function:
Rising edge, falling edge, or both edges
Counter clearing function:
Counters can be cleared by compare match
PWM mode:
Up to three-phase PWM output can be provided with desired duty ratio.
• Any initial timer output value can be set
• Five interrupt sources
Four compare match/input capture interrupts and an overflow interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com