Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 227Page - Renesas Technology Corp HD64F36049 Datasheet HTML 228Page - Renesas Technology Corp HD64F36049 Datasheet HTML 229Page - Renesas Technology Corp HD64F36049 Datasheet HTML 230Page - Renesas Technology Corp HD64F36049 Datasheet HTML 231Page - Renesas Technology Corp HD64F36049 Datasheet HTML 232Page - Renesas Technology Corp HD64F36049 Datasheet HTML 233Page - Renesas Technology Corp HD64F36049 Datasheet HTML 234Page - Renesas Technology Corp HD64F36049 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 562 page
background image
Section 13 Timer W
Rev. 3.00 Mar. 15, 2006 Page 199 of 526
REJ09B0060-0300
13.4.2
PWM Operation
In PWM mode, PWM waveforms are generated by using GRA as the cycle register and GRB,
GRC, and GRD as duty registers. PWM waveforms are output from the FTIOB, FTIOC, and
FTIOD pins. Up to three-phase PWM waveforms can be output. In PWM mode, a general register
functions as an output compare register automatically. The output level of each pin depends on the
corresponding timer output level set bit (TOB, TOC, TOD) in TCRW. When TOB is 1, the FTIOB
output goes to 1 at compare match A and to 0 at compare match B. When TOB is 0, the FTIOB
output goes to 0 at compare match A and to 1 at compare match B. Thus the compare match
output level settings in TIOR0 and TIOR1 are ignored for the output pin set to PWM mode. If the
same value is set in the cycle register and the duty register, the output does not change when a
compare match occurs.
Figure 13.9 shows an example of operation in PWM mode. The output signals go to 1 and TCNT
is cleared at compare match A, and the output signals go to 0 at compare match B, C, and D
(TOB, TOC, and TOD = 1).
TCNT value
GRA
GRB
GRC
H'0000
FTIOB
FTIOC
FTIOD
Time
GRD
Counter cleared by compare match A
Figure 13.9 PWM Mode Example (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com