Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 223Page - Renesas Technology Corp HD64F36049 Datasheet HTML 224Page - Renesas Technology Corp HD64F36049 Datasheet HTML 225Page - Renesas Technology Corp HD64F36049 Datasheet HTML 226Page - Renesas Technology Corp HD64F36049 Datasheet HTML 227Page - Renesas Technology Corp HD64F36049 Datasheet HTML 228Page - Renesas Technology Corp HD64F36049 Datasheet HTML 229Page - Renesas Technology Corp HD64F36049 Datasheet HTML 230Page - Renesas Technology Corp HD64F36049 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 562 page
background image
Section 13 Timer W
Rev. 3.00 Mar. 15, 2006 Page 195 of 526
REJ09B0060-0300
Periodic counting operation can be performed when GRA is set as an output compare register and
bit CCLR in TCRW is set to 1.
When the count matches GRA, TCNT is cleared to H'0000, the IMFA flag in TSRW is set to 1. If
the corresponding IMIEA bit in TIERW is set to 1, an interrupt request is generated. TCNT
continues counting from H'0000. Figure 13.3 shows periodic counting.
TCNT value
GRA
H'0000
CST bit
IMFA
Time
Flag cleared
by software
Figure 13.3 Periodic Counter Operation
By setting a general register as an output compare register, compare match A, B, C, or D can
cause the output at the FTIOA, FTIOB, FTIOC, or FTIOD pin to output 0, output 1, or toggle.
Figure 13.4 shows an example of 0 and 1 output when TCNT operates as a free-running counter, 1
output is selected for compare match A, and 0 output is selected for compare match B. When
signal is already at the selected output level, the signal level does not change at compare match.
TCNT value
H'FFFF
H'0000
FTIOA
FTIOB
Time
GRA
GRB
No change
No change
No change
No change
Figure 13.4 0 and 1 Output Example (TOA = 0, TOB = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com