Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 221Page - Renesas Technology Corp HD64F36049 Datasheet HTML 222Page - Renesas Technology Corp HD64F36049 Datasheet HTML 223Page - Renesas Technology Corp HD64F36049 Datasheet HTML 224Page - Renesas Technology Corp HD64F36049 Datasheet HTML 225Page - Renesas Technology Corp HD64F36049 Datasheet HTML 226Page - Renesas Technology Corp HD64F36049 Datasheet HTML 227Page - Renesas Technology Corp HD64F36049 Datasheet HTML 228Page - Renesas Technology Corp HD64F36049 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 562 page
background image
Section 13 Timer W
Rev. 3.00 Mar. 15, 2006 Page 193 of 526
REJ09B0060-0300
13.3.8
General Registers A to D (GRA to GRD)
Each general register is a 16-bit readable/writable register that can function as either an output-
compare register or an input-capture register. The function is selected by settings in TIOR0 and
TIOR1.
When a general register is used as an output-compare register, its value is constantly compared
with the TCNT value. When the two values match (a compare match), the corresponding flag
(IMFA, IMFB, IMFC, or IMFD) in TSRW is set to 1. An interrupt request is generated at this
time, when IMIEA, IMIEB, IMIEC, or IMIED is set to 1. Compare match output can be selected
in TIOR.
When a general register is used as an input-capture register, an external input-capture signal is
detected and the current TCNT value is stored in the general register. The corresponding flag
(IMFA, IMFB, IMFC, or IMFD) in TSRW is set to 1. If the corresponding interrupt-enable bit
(IMIEA, IMIEB, IMIEC, or IMIED) in TSRW is set to 1 at this time, an interrupt request is
generated. The edge of the input-capture signal is selected in TIOR.
GRC and GRD can be used as buffer registers of GRA and GRB, respectively, by setting BUFEA
and BUFEB in TMRW.
For example, when GRA is set as an output-compare register and GRC is set as the buffer register
for GRA, the value in the buffer register GRC is sent to GRA whenever compare match A is
generated.
When GRA is set as an input-capture register and GRC is set as the buffer register for GRA, the
value in TCNT is transferred to GRA and the value in GRA is transferred to the buffer register
GRC whenever an input capture is generated.
GRA to GRD must be written or read in 16-bit units; 8-bit access is not allowed. GRA to GRD are
initialized to H'FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com