Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 220Page - Renesas Technology Corp HD64F36049 Datasheet HTML 221Page - Renesas Technology Corp HD64F36049 Datasheet HTML 222Page - Renesas Technology Corp HD64F36049 Datasheet HTML 223Page - Renesas Technology Corp HD64F36049 Datasheet HTML 224Page - Renesas Technology Corp HD64F36049 Datasheet HTML 225Page - Renesas Technology Corp HD64F36049 Datasheet HTML 226Page - Renesas Technology Corp HD64F36049 Datasheet HTML 227Page - Renesas Technology Corp HD64F36049 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 562 page
background image
Section 13 Timer W
Rev. 3.00 Mar. 15, 2006 Page 192 of 526
REJ09B0060-0300
Bit
Bit Name
Initial
Value
R/W
Description
1
0
IOC1
IOC0
0
0
R/W
R/W
I/O Control C1 and C0
When IOC2 = 0,
00: No output at compare match
01: 0 output to the FTIOC pin at GRC compare match
10: 1 output to the FTIOC pin at GRC compare match
11: Output toggles to the FTIOC pin at GRC compare match
When IOC2 = 1,
00: Input capture to GRC at rising edge of the FTIOC pin
01: Input capture to GRC at falling edge of the FTIOC pin
1x: Input capture to GRC at rising edge and falling edge of the
FTIOC pin
[Legend]
X: Don't care.
13.3.7
Timer Counter (TCNT)
TCNT is a 16-bit readable/writable up-counter. The clock source is selected by bits CKS2 to
CKS0 in TCRW. TCNT can be cleared to H'0000 through a compare match with GRA by setting
the CCLR bit in TCRW to 1. When TCNT overflows (changes from H'FFFF to H'0000), the OVF
flag in TSRW is set to 1. If the OVIE bit in TIERW is set to 1 at this time, an interrupt request is
generated. TCNT must always be read or written in 16-bit units; 8-bit access is not allowed.
TCNT is initialized to H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com