Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 277Page - Renesas Technology Corp HD64F36049 Datasheet HTML 278Page - Renesas Technology Corp HD64F36049 Datasheet HTML 279Page - Renesas Technology Corp HD64F36049 Datasheet HTML 280Page - Renesas Technology Corp HD64F36049 Datasheet HTML 281Page - Renesas Technology Corp HD64F36049 Datasheet HTML 282Page - Renesas Technology Corp HD64F36049 Datasheet HTML 283Page - Renesas Technology Corp HD64F36049 Datasheet HTML 284Page - Renesas Technology Corp HD64F36049 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 249 of 526
REJ09B0060-0300
Figure 14.21 shows an example of the PWM mode setting procedure.
Table 14.3
Initial Output Level of FTIOB0 Pin
TOB0
POLB
Initial Output Level
0
0
1
0
1
0
1
0
0
1
1
1
[1]
Select the counter clock with bits TPSC2 to
TOSC0 in TCR. When an external clock is
selected, select the external clock edge with
bits CKEG1 and CKEG0 in TCR.
[2]
Use bits CCLR1 and CCLR0 in TCR to select
the counter clearing source.
[3]
Select the PWM mode with bits PWMB0 to
PWMD0 and PWMB1 to PWMD1 in TPMR.
[4]
Set the initial output value with bits TOB0 to
TOD0 and TOB1 to TOD1 in TOCR.
[5]
Set the output level with bits POLB to POLD in
POCR.
[6]
Set the cycle in GRA, and set the duty in the
other GR.
[7]
Enable or disable the timer output by TOER.
[8]
Set the STR bit in TSTR to 1 and start the
counter operation.
[1]
[2]
[3]
[4]
[5]
[6]
[7]
PWM mode
Select counter clock
Select counter clearing source
Set PWM mode
Set initial output level
Select output level
Set GR
Enable waveform output
[8]
Start counter operation
<PWM mode>
Figure 14.21 Example of PWM Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com