Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 335Page - Renesas Technology Corp SH7101 Datasheet HTML 336Page - Renesas Technology Corp SH7101 Datasheet HTML 337Page - Renesas Technology Corp SH7101 Datasheet HTML 338Page - Renesas Technology Corp SH7101 Datasheet HTML 339Page - Renesas Technology Corp SH7101 Datasheet HTML 340Page - Renesas Technology Corp SH7101 Datasheet HTML 341Page - Renesas Technology Corp SH7101 Datasheet HTML 342Page - Renesas Technology Corp SH7101 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 305 of 448
REJ09B0394-0200
Yes
<End>
[1]
No
Initialization
Start reception
[2]
No
Yes
Read RDRF flag in SSR
[4]
[5]
Clear RE bit in SCR to 0
Read ORER, PER, and
FER flags in SSR
Error processing
(Continued on next page)
[3]
Read receive data in RDR, and
clear RDRF flag in SSR to 0
No
Yes
PER
∨ FER ∨ ORER = 1
RDRF = 1
All data received?
[1] SCI initialization:
Set the RxD pin using the PFC.
[2] [3] Receive error processing and break
detection:
If a receive error occurs, read the
ORER, PER, and FER flags in SSR to
identify the error. After performing the
appropriate error processing, ensure
that the ORER, PER, and FER flags are
all cleared to 0. Reception cannot be
resumed if any of these flags are set to
1. In the case of a framing error, a
break can be detected by reading the
value of the input port corresponding to
the RxD pin.
[4] SCI status check and receive data read:
Read SSR and check that RDRF = 1,
then read the receive data in RDR and
clear the RDRF flag to 0. Transition of
the RDRF flag from 0 to 1 can also be
identified by an RXI interrupt.
[5] Serial reception continuation procedure:
To continue serial reception, before the
stop bit for the current frame is
received, read the RDRF flag, read
RDR, and clear the RDRF flag to 0.
Figure 10.9 Sample Serial Reception Data Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com