Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 332Page - Renesas Technology Corp SH7101 Datasheet HTML 333Page - Renesas Technology Corp SH7101 Datasheet HTML 334Page - Renesas Technology Corp SH7101 Datasheet HTML 335Page - Renesas Technology Corp SH7101 Datasheet HTML 336Page - Renesas Technology Corp SH7101 Datasheet HTML 337Page - Renesas Technology Corp SH7101 Datasheet HTML 338Page - Renesas Technology Corp SH7101 Datasheet HTML 339Page - Renesas Technology Corp SH7101 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 302 of 448
REJ09B0394-0200
No
<End>
[1]
Yes
Initialization
Start transmission
Read TDRE flag in SSR
[2]
No
Yes
No
Yes
Read TEND flag in SSR
[3]
No
Yes
[4]
Clear DR to 0
Clear TE bit in SCR to 0;
select the TxD pin
as an output port with the PFC
TDRE = 1
All data transmitted?
TEND = 1
Break output?
[1] SCI initialization:
Set the TxD pin using the PFC.
After the TE bit is set to 1, 1 is
output for one frame, and
transmission is enabled. However,
data is not transmitted.
[2] SCI status check and transmit data
write:
Read SSR and check that the
TDRE flag is set to 1, then write
transmit data to TDR and clear the
TDRE flag to 0.
[3] Serial transmission continuation
procedure:
To continue serial transmission,
read 1 from the TDRE flag to
confirm that writing is possible, then
write data to TDR, and then clear
the TDRE flag to 0.
[4] Break output at the end of serial
transmission:
To output a break in serial
transmission, first clear the port
data register (DR) to 0, then clear
the TE bit to 0 in SCR and use the
PFC to select the TxD pin as an
output port.
Write transmit data to TDR
and clear TDRE flag in SSR to 0
Figure 10.7 Sample Serial Transmission Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com