Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 330Page - Renesas Technology Corp SH7101 Datasheet HTML 331Page - Renesas Technology Corp SH7101 Datasheet HTML 332Page - Renesas Technology Corp SH7101 Datasheet HTML 333Page - Renesas Technology Corp SH7101 Datasheet HTML 334Page - Renesas Technology Corp SH7101 Datasheet HTML 335Page - Renesas Technology Corp SH7101 Datasheet HTML 336Page - Renesas Technology Corp SH7101 Datasheet HTML 337Page - Renesas Technology Corp SH7101 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 300 of 448
REJ09B0394-0200
10.4.4
SCI Initialization (Asynchronous Mode)
Before transmitting and receiving data, you should first clear the TE and RE bits in SCR to 0, then
initialize the SCI as described below. When the operating mode, transfer format, etc., is changed,
the TE and RE bits must be cleared to 0 before making the change using the following procedure.
When the TE bit is cleared to 0, the TDRE flag is set to 1. Note that clearing the RE bit to 0 does
not initialize the contents of the RDRF, PER, FER, and ORER flags, or the contents of RDR.
When the external clock is used in asynchronous mode, the clock must be supplied even during
initialization.
Wait
Yes
[1]
Start transmission
Clear RIE, TIE, TEIE, MPIE,
TE and RE bits in SCR to 0*
[2]
No
Set value in BRR
[3]
[4]
[5]
[6]
1-bit interval elapsed?
< Initialization completion>
[1] Set the clock selection in SCR.
[2] Set the data transfer format in SMR
and SCMR.
[3] Write a value corresponding to the
bit rate to BRR. Not necessary if an
external colck is used.
[4] Set the RIE, TIE, TEIE, and MPIE
bits.
[5] Set PFC of the external pin used.
Set RxD input during receiving and
TxD output during transmitting. Set
SCK input/output according to
contents set by CKE1 and CKE0.
When CKE1 and CKE0 are 0 in
asynchronous mode, setting the
SCK pin is unnecessary.
Outputting clocks from the SCK pin
starts at synchronous clock output
setting.
[6] Wait at least one bit interval, then
set the TE bit or RE bit in SCR to
1.* At this time, the TxD, RxD, and
SCK pins can be used. The TxD
pin is in a mark state during
transmitting, and RxD pin is in an
idle state for waiting the start bit
during receiving.
Set data transfer format in
SMR
Set the RIE, TIE, TEIE,
and MPIE bits in SCR
Set PFC of the external pin used
SCK, TxD, RxD
Set TE and RE bits of SCR to 1
Set CKE1 and CKE0 bits in SCR
(TE and RE bits are 0)
Note: * In simultaneous transmit/receive operation, the TE and RE bits must be cleared to 0 or set to 1
simultaneously.
Figure 10.5 Sample SCI Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com