Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 326Page - Renesas Technology Corp SH7101 Datasheet HTML 327Page - Renesas Technology Corp SH7101 Datasheet HTML 328Page - Renesas Technology Corp SH7101 Datasheet HTML 329Page - Renesas Technology Corp SH7101 Datasheet HTML 330Page - Renesas Technology Corp SH7101 Datasheet HTML 331Page - Renesas Technology Corp SH7101 Datasheet HTML 332Page - Renesas Technology Corp SH7101 Datasheet HTML 333Page - Renesas Technology Corp SH7101 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 296 of 448
REJ09B0394-0200
10.4
Operation in Asynchronous Mode
Figure 10.2 shows the general format for asynchronous serial communication. One frame consists
of a start bit (low level), followed by data, a parity bit, and finally stop bits (high level). In
asynchronous serial communication, the transmission line is usually held in the mark state (high
level). The SCI monitors the communication line, and when it goes to the space state (low level),
recognizes a start bit and starts serial communication. Inside the SCI, the transmitter and receiver
are independent units, enabling full-duplex communication. Both the transmitter and the receiver
also have a double-buffered structure, so that data can be read or written during transmission or
reception, enabling continuous data transfer.
LSB
Start
bit
MSB
Idle state
(mark state)
Stop bit
0
Transmit/receive data
D0
D1
D2
D3
D4
D5
D6
D7
0/1
1
1
1
1
Serial
data
Parity
bit
1 bit
1 or 2 bits
7 or 8 bits
1 bit
or
none
One unit of transfer data (character or frame)
Figure 10.2 Data Format in Asynchronous Communication (Example with 8-Bit Data,
Parity, Two Stop Bits)
10.4.1
Data Transfer Format
Table 10.8 shows the data transfer formats that can be used in asynchronous mode. Any of 12
transfer formats can be selected according to the SMR setting. For details on the multiprocessor
bit, refer to section 10.5, Multiprocessor Communication Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com