Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 328Page - Renesas Technology Corp SH7101 Datasheet HTML 329Page - Renesas Technology Corp SH7101 Datasheet HTML 330Page - Renesas Technology Corp SH7101 Datasheet HTML 331Page - Renesas Technology Corp SH7101 Datasheet HTML 332Page - Renesas Technology Corp SH7101 Datasheet HTML 333Page - Renesas Technology Corp SH7101 Datasheet HTML 334Page - Renesas Technology Corp SH7101 Datasheet HTML 335Page - Renesas Technology Corp SH7101 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 298 of 448
REJ09B0394-0200
10.4.2
Receive Data Sampling Timing and Reception Margin in Asynchronous Mode
In asynchronous mode, the SCI operates on a basic clock with a frequency of 16 times the bit rate.
In reception, the SCI samples the falling edge of the start bit using the basic clock, and performs
internal synchronization. Receive data is latched internally at the rising edge of the 8th pulse of
the basic clock as shown in figure 10.3. Thus the reception margin in asynchronous mode is given
by formula (1) below.
M =
0.5 –
1
2N
(D – 0.5)
N
–
– (L – 0.5) F
× 100% ........................... Formula (1)
Where
M: Reception margin (
%)
N: Ratio of bit rate to clock (N = 16)
D: Clock duty cycle (D = 0 to 1.0)
L: Frame length (L = 9 to 12)
F:
Absolute value of clock rate deviation
Assuming values of F = 0 and D = 0.5 in formula (1), a reception margin is given by formula
below.
M = {0.5 – 1/(2
× 16)} × 100 [%] = 46.875%
However, this is only the computed value, and a margin of 20
% to 30% should be allowed in
system design.
Internal basic
clock
16 clocks
8 clocks
Receive data
(RxD)
Synchronization
sampling timing
Start bit
D0
D1
Data sampling
timing
15
0
7
15 0
0
7
Figure 10.3 Receive Data Sampling Timing in Asynchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com