Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 377Page - Renesas Technology Corp SH7101 Datasheet HTML 378Page - Renesas Technology Corp SH7101 Datasheet HTML 379Page - Renesas Technology Corp SH7101 Datasheet HTML 380Page - Renesas Technology Corp SH7101 Datasheet HTML 381Page - Renesas Technology Corp SH7101 Datasheet HTML 382Page - Renesas Technology Corp SH7101 Datasheet HTML 383Page - Renesas Technology Corp SH7101 Datasheet HTML 384Page - Renesas Technology Corp SH7101 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 486 page
background image
12. Compare Match Timer (CMT)
Rev.2.00 Sep. 27, 2007 Page 347 of 448
REJ09B0394-0200
12.3.2
CMCNT Count Timing
One of four internal clocks (P
φ/8, Pφ/32, Pφ/128, Pφ/512) obtained by dividing the peripheral
clock (P
φ) can be selected by the CKS1 and CKS0 bits in CMCSR. Figure 12.3 shows the timing.
P
φ
Internal
clock
CMCNT
input clock
CMCNT
N-1
N
N+1
Figure 12.3 Count Timing
12.4
Interrupts
12.4.1
Interrupt Sources
The CMT has a compare match interrupt for each channel, with independent vector addresses
allocated to each of them. The corresponding interrupt request is output when interrupt request
flag CMF is set to 1 and interrupt enable bit CMIE has also been set to 1.
When activating CPU interrupts by interrupt request, the priority between the channels can be
changed by means of interrupt controller settings. See section 6, Interrupt Controller (INTC), for
details.
12.4.2
Compare Match Flag Set Timing
The CMF bit in CMCSR is set to 1 by the compare match signal generated when the CMCOR
register and the CMCNT counter match. The compare match signal is generated upon the final
state of the match (timing at which the CMCNT counter matching count value is updated).
Consequently, after the CMCOR register and the CMCNT counter match, a compare match signal
will not be generated until a CMCNT counter input clock occurs. Figure 12.4 shows the CMF bit
set timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com