Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 106Page - Renesas Technology Corp SH7101 Datasheet HTML 107Page - Renesas Technology Corp SH7101 Datasheet HTML 108Page - Renesas Technology Corp SH7101 Datasheet HTML 109Page - Renesas Technology Corp SH7101 Datasheet HTML 110Page - Renesas Technology Corp SH7101 Datasheet HTML 111Page - Renesas Technology Corp SH7101 Datasheet HTML 112Page - Renesas Technology Corp SH7101 Datasheet HTML 113Page - Renesas Technology Corp SH7101 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 486 page
background image
6. Interrupt Controller (INTC)
Rev.2.00 Sep. 27, 2007 Page 76 of 448
REJ09B0394-0200
When IRQ interrupts are set to low level detection, an interrupt request signal is sent to the INTC
during the period the IRQ pin is low level. Interrupt request signals are not sent to the INTC when
the IRQ pin becomes high level. Interrupt request levels can be confirmed by reading the IRQ
flags (IRQ0F to IRQ3F) of the IRQ status register (ISR).
When IRQ interrupts are set to falling edge detection, interrupt request signals are sent to the
INTC upon detecting a change on the IRQ pin from high to low level. The results of detection for
IRQ interrupt request are maintained until the interrupt request is accepted. It is possible to
confirm that IRQ interrupt requests have been detected by reading the IRQ flags (IRQ0F to
IRQ3F) of the IRQ status register (ISR), and by writing a 0 after reading a 1, IRQ interrupt request
detection results can be withdrawn.
In IRQ interrupt exception processing, the interrupt mask bits (I3 to I0) of the status register (SR)
are set to the priority level value of the accepted IRQ interrupt. Figure 6.2 shows the block
diagram of this IRQ3 to IRQ0 interrupts.
IRQnS
IRQnES
ISR.IRQnF
IRQ pins
RESIRQn
Level
detection
Edge
detection
SQ
R
CPU interrupt
request
(Acceptance of IRQn interrupt/writing 0 after reading IRQnF = 1)
Figure 6.2 Block Diagram of IRQ3 to IRQ0 Interrupts Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com