Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 107Page - Renesas Technology Corp SH7101 Datasheet HTML 108Page - Renesas Technology Corp SH7101 Datasheet HTML 109Page - Renesas Technology Corp SH7101 Datasheet HTML 110Page - Renesas Technology Corp SH7101 Datasheet HTML 111Page - Renesas Technology Corp SH7101 Datasheet HTML 112Page - Renesas Technology Corp SH7101 Datasheet HTML 113Page - Renesas Technology Corp SH7101 Datasheet HTML 114Page - Renesas Technology Corp SH7101 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 486 page
background image
6. Interrupt Controller (INTC)
Rev.2.00 Sep. 27, 2007 Page 77 of 448
REJ09B0394-0200
6.4.2
On-Chip Peripheral Module Interrupts
On-chip peripheral module interrupts are interrupts generated by the following on-chip peripheral
modules.
As a different interrupt vector is assigned to each interrupt source, the exception service routine
does not have to decide which interrupt has occurred. Priority levels between 0 and 15 can be
assigned to individual on-chip peripheral modules in interrupt priority registers A, D to I (IPRA,
IPRD to IPRI). On-chip peripheral module interrupt exception processing sets the interrupt mask
level bits (I3 to I0) in the status register (SR) to the priority level value of the on-chip peripheral
module interrupt that was accepted.
6.5
Interrupt Exception Processing Vectors Table
Table 6.2 lists interrupt sources and their vector numbers, vector table address offsets and interrupt
priorities.
Each interrupt source is allocated a different vector number and vector table address offset. Vector
table addresses are calculated from the vector numbers and address offsets. In interrupt exception
processing, the exception service routine start address is fetched from the vector table indicated by
the vector table address. For the details of calculation of vector table address, see table 5.4,
Calculating Exception Processing Vector Table Addresses in the section 5 Exception Processing.
IRQ interrupts and on-chip peripheral module interrupt priorities can be set freely between 0 and
15 for each pin or module by setting interrupt priority registers A, D to I (IPRA, IPRD to IPRI).
However, the smaller vector number has interrupt source, the higher priority ranking is assigned
among two or more interrupt sources specified by the same IPR, and the priority ranking cannot be
changed. A power-on reset assigns priority level 0 to IRQ interrupts and on-chip peripheral
module interrupts. If the same priority level is assigned to two or more interrupt sources and
interrupts from those sources occur simultaneously, they are processed by the default priority
order indicated in table 6.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com