Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 112Page - Renesas Technology Corp SH7101 Datasheet HTML 113Page - Renesas Technology Corp SH7101 Datasheet HTML 114Page - Renesas Technology Corp SH7101 Datasheet HTML 115Page - Renesas Technology Corp SH7101 Datasheet HTML 116Page - Renesas Technology Corp SH7101 Datasheet HTML 117Page - Renesas Technology Corp SH7101 Datasheet HTML 118Page - Renesas Technology Corp SH7101 Datasheet HTML 119Page - Renesas Technology Corp SH7101 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 486 page
background image
6. Interrupt Controller (INTC)
Rev.2.00 Sep. 27, 2007 Page 82 of 448
REJ09B0394-0200
Program
execution state
Interrupt?
NMI?
I3 to I0
≤
level 14?
Level 14
interrupt?
Level 1
interrupt?
I3 to I0
≤
level 13?
I3 to I0
=
level 0?
No
Yes
No
No
No
No
No
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
IRQOUT = low
*1
Save SR to stack
Copy accept-interrupt
level to I3 to I0
IRQOUT = high
Read exception
vector table
Branch to exception
service routine
*2
Level 15
interrupt?
Notes: I3 to I0 are Interrupt mask bits of status register (SR) in the CPU
1.
IRQOUT is the same signal as interrupt request signal to the CPU (see figure 6.1).
Therefore,
IRQOUT is output when the request priority level is higher than the level in bits I3–I0 of SR.
2.
When the accepted interrupt is sensed by edge, a high level is output from the
IRQOUT pin at the moment when
the CPU starts interrupt exception processing instead of instruction execution (namely, before saving SR to stack).
However, if the interrupt controller accepts an interrupt with a higher priority than the interrupt just to be accepted
and has output an interrupt request to the CPU, the
IRQOUT pin holds low level.
No
Save PC to stack
Figure 6.3 Interrupt Sequence Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com