Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 176Page - Renesas Technology Corp SH7101 Datasheet HTML 177Page - Renesas Technology Corp SH7101 Datasheet HTML 178Page - Renesas Technology Corp SH7101 Datasheet HTML 179Page - Renesas Technology Corp SH7101 Datasheet HTML 180Page - Renesas Technology Corp SH7101 Datasheet HTML 181Page - Renesas Technology Corp SH7101 Datasheet HTML 182Page - Renesas Technology Corp SH7101 Datasheet HTML 183Page - Renesas Technology Corp SH7101 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 146 of 448
REJ09B0394-0200
• When TGR is an input capture register
When input capture occurs, the value in TCNT is transferred to TGR and the value previously
held in the timer general register is transferred to the buffer register.
This operation is illustrated in figure 8.14.
Buffer
register
Timer general
register
TCNT
Input capture
signal
Figure 8.14 Input Capture Buffer Operation
Example of Buffer Operation Setting Procedure: Figure 8.15 shows an example of the buffer
operation setting procedure.
Buffer operation
Select TGR function
Set buffer operation
Start count
<Buffer operation>
[1]
[2]
[3]
[1] Designate TGR as an input capture register or
output compare register by means of TIOR.
[2] Designate TGR for buffer operation with bits
BFA and BFB in TMDR.
[3] Set the CST bit in TSTR to 1 start the count
operation.
Figure 8.15 Example of Buffer Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com