Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 179Page - Renesas Technology Corp SH7101 Datasheet HTML 180Page - Renesas Technology Corp SH7101 Datasheet HTML 181Page - Renesas Technology Corp SH7101 Datasheet HTML 182Page - Renesas Technology Corp SH7101 Datasheet HTML 183Page - Renesas Technology Corp SH7101 Datasheet HTML 184Page - Renesas Technology Corp SH7101 Datasheet HTML 185Page - Renesas Technology Corp SH7101 Datasheet HTML 186Page - Renesas Technology Corp SH7101 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 149 of 448
REJ09B0394-0200
8.4.4
Cascaded Operation
In cascaded operation, two 16-bit counters for different channels are used together as a 32-bit
counter.
This function works by counting the channel 1 counter clock upon overflow/underflow of
TCNT_2 as set in bits TPSC0 to TPSC2 in TCR.
Underflow occurs only when the lower 16-bit TCNT is in phase-counting mode.
Table 8.30 shows the register combinations used in cascaded operation.
Table 8.30
Cascaded Combinations
Combination
Upper 16 Bits
Lower 16 Bits
Channels 1 and 2
TCNT_1
TCNT_2
Note:
When phase counting mode is set for channel 1 or 2, the counter clock setting is invalid and
the counters operates independently in phase counting mode.
Example of Cascaded Operation Setting Procedure: Figure 8.18 shows an example of the
setting procedure for cascaded operation.
Cascaded operation
Set cascading
Start count
<Cascaded operation>
[1]
[2]
[1] Set bits TPSC2 to TPSC0 in the channel 1
TCR to B'111 to select TCNT_2 overflow/
underflow counting.
[2] Set the CST bit in TSTR for the upper and
lower channel to 1 to start the count
operation.
Figure 8.18 Cascaded Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com