| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 185 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 185 Page - Renesas Technology Corp |
|
185 / 486 page ![]() 8. Multi-Function Timer Pulse Unit (MTU) Rev.2.00 Sep. 27, 2007 Page 151 of 448 REJ09B0394-0200 • PWM mode 2 PWM output is generated using one TGR as the cycle register and the others as duty cycle registers. The output specified in TIOR is performed by means of compare matches. Upon counter clearing by a synchronization register compare match, the output value of each pin is the initial value set in TIOR. If the set values of the cycle and duty cycle registers are identical, the output value does not change when a compare match occurs. In PWM mode 2, a maximum 8-phase PWM output is possible in combination use with synchronous operation. The correspondence between PWM output pins and registers is shown in table 8.31. Table 8.31 PWM Output Registers and Output Pins Output Pins Channel Registers PWM Mode 1 PWM Mode 2 TGRA_0 TIOC0A TGRB_0 TIOC0A TIOC0B TGRC_0 TIOC0C 0 TGRD_0 TIOC0C TIOC0D TGRA_1 TIOC1A 1 TGRB_1 TIOC1A TIOC1B TGRA_2 TIOC2A 2 TGRB_2 TIOC2A TIOC2B TGRA_3 Cannot be set TGRB_3 TIOC3A Cannot be set TGRC_3 Cannot be set 3 TGRD_3 TIOC3C Cannot be set TGRA_4 Cannot be set TGRB_4 TIOC4A Cannot be set 4 TGRC_4 TIOC4C Cannot be set TGRD_4 Cannot be set Note: In PWM mode 2, PWM output is not possible for the TGR register in which the period is set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |