Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 182Page - Renesas Technology Corp SH7101 Datasheet HTML 183Page - Renesas Technology Corp SH7101 Datasheet HTML 184Page - Renesas Technology Corp SH7101 Datasheet HTML 185Page - Renesas Technology Corp SH7101 Datasheet HTML 186Page - Renesas Technology Corp SH7101 Datasheet HTML 187Page - Renesas Technology Corp SH7101 Datasheet HTML 188Page - Renesas Technology Corp SH7101 Datasheet HTML 189Page - Renesas Technology Corp SH7101 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 152 of 448
REJ09B0394-0200
Example of PWM Mode Setting Procedure: Figure 8.20 shows an example of the PWM mode
setting procedure.
PWM mode
Select counter clock
Select counter clearing
source
Select waveform
output level
Set TGR
Set PWM mode
Start count
<PWM mode>
[1]
[2]
[3]
[4]
[5]
[6]
[1] Select the counter clock with bits TPSC2 to
TPSC0 in TCR. At the same time, select the
input clock edge with bits CKEG1 and
CKEG0 in TCR.
[2] Use bits CCLR2 to CCLR0 in TCR to select
the TGR to be used as the TCNT clearing
source.
[3] Use TIOR to designate the TGR as an output
compare register, and select the initial value
and output value.
[4] Set the cycle in the TGR selected in [2], and
set the duty in the other TGR.
[5] Select the PWM mode with bits MD3 to MD0
in TMDR.
[6] Set the CST bit in TSTR to 1 to start the
count operation.
Figure 8.20 Example of PWM Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com