| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 195 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 195 Page - Renesas Technology Corp |
|
195 / 486 page ![]() 8. Multi-Function Timer Pulse Unit (MTU) Rev.2.00 Sep. 27, 2007 Page 161 of 448 REJ09B0394-0200 Table 8.36 Up/Down-Count Conditions in Phase Counting Mode 4 TCLKA (Channel 1) TCLKC (Channel 2) TCLKB (Channel 1) TCLKD (Channel 2) Operation High level Up-count Low level Low level Don't care High level High level Down-count Low level High level Don't care Low level Legend: : Rising edge : Falling edge Phase Counting Mode Application Example: Figure 8.29 shows an example in which channel 1 is in phase counting mode, and channel 1 is coupled with channel 0 to input servo motor 2-phase encoder pulses in order to detect position or speed. Channel 1 is set to phase counting mode 1, and the encoder pulse A-phase and B-phase are input to TCLKA and TCLKB. Channel 0 operates with TCNT counter clearing by TGRC_0 compare match; TGRA_0 and TGRC_0 are used for the compare match function and are set with the speed control period and position control period. TGRB_0 is used for input capture, with TGRB_0 and TGRD_0 operating in buffer mode. The channel 1 counter input clock is designated as the TGRB_0 input capture source, and the pulse widths of 2-phase encoder 4-multiplication pulses are detected. TGRA_1 and TGRB_1 for channel 1 are designated for input capture, and channel 0 TGRA_0 and TGRC_0 compare matches are selected as the input capture source and store the up/down-counter values for the control periods. This procedure enables the accurate detection of position and speed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |