| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 198 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 198 Page - Renesas Technology Corp |
|
198 / 486 page ![]() 8. Multi-Function Timer Pulse Unit (MTU) Rev.2.00 Sep. 27, 2007 Page 164 of 448 REJ09B0394-0200 Procedure for Selecting the Reset-Synchronized PWM Mode: Figure 8.30 shows an example of procedure for selecting the reset synchronized PWM mode. 1. Clear the CST3 and CST4 bits in the TSTR to 0 to halt the counting of TCNT. The reset- synchronized PWM mode must be set up while TCNT_3 and TCNT_4 are halted. 2. Set bits TPSC2 to TPSC0 and CKEG1 and CKEG0 in the TCR_3 to select the counter clock and clock edge for channel 3. Set bits CCLR2 to CCLR0 in the TCR_3 to select TGRA compare-match as a counter clear source. 3. When performing brushless DC motor control, set bit BDC in the timer gate control register (TGCR) and set the feedback signal input source and output chopping or gate signal direct output. 4. Reset TCNT_3 and TCNT_4 to H'0000. 5. TGRA_3 is the period register. Set the waveform period value in TGRA_3. Set the transition timing of the PWM output waveforms in TGRB_3, TGRA_4, and TGRB_4. Set times within the compare-match range of TCNT_3. X ≤ TGRA_3 (X: set value). 6. Select enabling/disabling of toggle output synchronized with the PMW cycle using bit PSYE in the timer output control register (TOCR), and set the PWM output level with bits OLSP and OLSN. 7. Set bits MD3 to MD0 in TMDR_3 to B'1000 to select the reset-synchronized PWM mode. TIOC3A, TIOC3B, TIOC3D, TIOC4A, TIOC4B, TIOC4C and TIOC4D function as PWM output pins*. Do not set to TMDR_4. 8. Set the enabling/disabling of the PWM waveform output pin in TOER. 9. Set the CST3 bit in the TSTR to 1 to start the count operation. Notes: The output waveform starts to toggle operation at the point of TCNT_3 = TGRA_3 = X by setting X = TGRA, i.e., cycle = duty cycle. * PFC registers should be specified before this procedure. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |