Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 197Page - Renesas Technology Corp SH7101 Datasheet HTML 198Page - Renesas Technology Corp SH7101 Datasheet HTML 199Page - Renesas Technology Corp SH7101 Datasheet HTML 200Page - Renesas Technology Corp SH7101 Datasheet HTML 201Page - Renesas Technology Corp SH7101 Datasheet HTML 202Page - Renesas Technology Corp SH7101 Datasheet HTML 203Page - Renesas Technology Corp SH7101 Datasheet HTML 204Page - Renesas Technology Corp SH7101 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 167 of 448
REJ09B0394-0200
8.4.8
Complementary PWM Mode
In the complementary PWM mode, three-phase output of non-overlapping positive and negative
PWM waveforms can be obtained by combining channels 3 and 4.
In complementary PWM mode, TIOC3B, TIOC3D, TIOC4A, TIOC4B, TIOC4C, and TIOC4D
pins function as PWM output pins, the TIOC3A pin can be set for toggle output synchronized with
the PWM period. TCNT_3 and TCNT_4 function as increment/decrement counters.
Table 8.39 shows the PWM output pins used. Table 8.40 shows the settings of the registers used.
A function to directly cut off the PWM output by using an external signal is supported as a port
function.
Table 8.39
Output Pins for Complementary PWM Mode
Channel
Output Pin
Description
3
TIOC3A
Toggle output synchronized with PWM period (or I/O port)
TIOC3B
PWM output pin 1
TIOC3C
I/O port*
TIOC3D
PWM output pin 1' (non-overlapping negative-phase waveform
of PWM output 1)
4
TIOC4A
PWM output pin 2
TIOC4C
PWM output pin 2' (non-overlapping negative-phase waveform
of PWM output 2)
TIOC4B
PWM output pin 3
TIOC4D
PWM output pin 3' (non-overlapping negative-phase waveform
of PWM output 3)
Note:
*
Avoid setting the TIOC3C pin as a timer I/O pin in the complementary PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com