| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 216 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 216 Page - Renesas Technology Corp |
|
216 / 486 page ![]() 8. Multi-Function Timer Pulse Unit (MTU) Rev.2.00 Sep. 27, 2007 Page 182 of 448 REJ09B0394-0200 The positive phase/negative phase off timing is generated by a compare-match with the solid-line counter, and the on timing by a compare-match with the dotted-line counter operating with a delay of the dead time behind the solid-line counter. In the T1 period, compare-match a that turns off the negative phase has the highest priority, and compare-matches occurring prior to a are ignored. In the T2 period, compare-match c that turns off the positive phase has the highest priority, and compare-matches occurring prior to c are ignored. In normal cases, compare-matches occur in the order a → b → c → d (or c → d → a' → b'), as shown in figure 8.40. If compare-matches deviate from the a → b → c → d order, since the time for which the negative phase is off is less than twice the dead time, the figure shows the positive phase is not being turned on. If compare-matches deviate from the c → d → a' → b' order, since the time for which the positive phase is off is less than twice the dead time, the figure shows the negative phase is not being turned on. If compare-match c occurs first following compare-match a, as shown in figure 8.41, compare- match b is ignored, and the negative phase is turned off by compare-match d. This is because turning off of the positive phase has priority due to the occurrence of compare-match c (positive phase off timing) before compare-match b (positive phase on timing) (consequently, the waveform does not change since the positive phase goes from off to off). Similarly, in the example in figure 8.42, compare-match a' with the new data in the temporary register occurs before compare-match c, but other compare-matches occurring up to c, which turns off the positive phase, are ignored. As a result, the positive phase is not turned on. Thus, in complementary PWM mode, compare-matches at turn-off timings take precedence, and turn-on timing compare-matches that occur before a turn-off timing compare-match are ignored. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |