Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 235Page - Renesas Technology Corp SH7101 Datasheet HTML 236Page - Renesas Technology Corp SH7101 Datasheet HTML 237Page - Renesas Technology Corp SH7101 Datasheet HTML 238Page - Renesas Technology Corp SH7101 Datasheet HTML 239Page - Renesas Technology Corp SH7101 Datasheet HTML 240Page - Renesas Technology Corp SH7101 Datasheet HTML 241Page - Renesas Technology Corp SH7101 Datasheet HTML 242Page - Renesas Technology Corp SH7101 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 205 of 448
REJ09B0394-0200
8.7.3
Caution on Period Setting
When counter clearing on compare match is set, TCNT is cleared in the final state in which it
matches the TGR value (the point at which the count value matched by TCNT is updated).
Consequently, the actual counter frequency is given by the following formula:
f =
P
φ
(N + 1)
Where
f
: Counter frequency
P
φ : Peripheral clock operating frequency
N
: TGR set value
8.7.4
Contention between TCNT Write and Clear Operations
If the counter clear signal is generated in the T2 state of a TCNT write cycle, TCNT clearing
takes precedence and the TCNT write is not performed.
Figure 8.70 shows the timing in this case.
Counter clear
signal
Write signal
Address
P
φ
TCNT address
TCNT
TCNT write cycle
T1
T2
N
H'0000
Figure 8.70 Contention between TCNT Write and Clear Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com