Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 276Page - Renesas Technology Corp SH7101 Datasheet HTML 277Page - Renesas Technology Corp SH7101 Datasheet HTML 278Page - Renesas Technology Corp SH7101 Datasheet HTML 279Page - Renesas Technology Corp SH7101 Datasheet HTML 280Page - Renesas Technology Corp SH7101 Datasheet HTML 281Page - Renesas Technology Corp SH7101 Datasheet HTML 282Page - Renesas Technology Corp SH7101 Datasheet HTML 283Page - Renesas Technology Corp SH7101 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 246 of 448
REJ09B0394-0200
(24) Operation when Error Occurs during Complementary PWM Mode Operation, and
Operation is Restarted in Complementary PWM Mode: Figure 8.107 shows an explanatory
diagram of the case where an error occurs in complementary PWM mode and operation is
restarted in complementary PWM mode after re-setting (when operation is restarted using
completely new cycle and duty cycle settings).
1
RESET
2
TOCR
3
TMDR
(CPWM)
5
PFC
(MTU)
4
TOER
(1)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(normal)
12
TOER
(0)
13
TOCR
14
TMDR
(CPWM)
15
TOER
(1)
16
PFC
(MTU)
17
TSTR
(1)
MTU module
output
TIOC3A
TIOC3B
TIOC3D
Port output
PE9
PE8
PE11
Hi-Z
Hi-Z
Hi-Z
Figure 8.107 Error Occurrence in Complementary PWM Mode, Recovery in
Complementary PWM Mode
1 to 10 are the same as in figure 8.104.
11. Set normal mode and make new settings. (MTU output goes low.)
12. Disable channel 3 and 4 output with TOER.
13. Select the complementary PWM mode output level and cyclic output enabling/disabling with
TOCR.
14. Set complementary PWM.
15. Enable channel 3 and 4 output with TOER.
16. Set MTU output with the PFC.
17. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com