Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 279Page - Renesas Technology Corp SH7101 Datasheet HTML 280Page - Renesas Technology Corp SH7101 Datasheet HTML 281Page - Renesas Technology Corp SH7101 Datasheet HTML 282Page - Renesas Technology Corp SH7101 Datasheet HTML 283Page - Renesas Technology Corp SH7101 Datasheet HTML 284Page - Renesas Technology Corp SH7101 Datasheet HTML 285Page - Renesas Technology Corp SH7101 Datasheet HTML 286Page - Renesas Technology Corp SH7101 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 249 of 448
REJ09B0394-0200
(27) Operation when Error Occurs during Reset-Synchronous PWM Mode Operation, and
Operation is Restarted in PWM Mode 1: Figure 8.110 shows an explanatory diagram of the
case where an error occurs in reset-synchronous PWM mode and operation is restarted in PWM
mode 1 after re-setting.
1
RESET
2
TOCR
3
TMDR
(RPWM)
5
PFC
(MTU)
4
TOER
(1)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(PWM1)
12
TIOR
(1 init
0 out)
13
PFC
(MTU)
14
TSTR
(1)
MTU module
output
TIOC3A
TIOC3B
TIOC3D
Port output
PE9
PE8
PE11
• Not initialized (TIOC3B)
• Not initialized (TIOC3D)
Hi-Z
Hi-Z
Hi-Z
Figure 8.110 Error Occurrence in Reset-Synchronous PWM Mode,
Recovery in PWM Mode 1
1 to 10 are the same as in figure 8.109.
11. Set PWM mode 1. (MTU positive phase output is low, and negative phase output is high.)
12. Initialize the pins with TIOR. (In PWM mode 1, the TIOC *B side is not initialized.)
13. Set MTU output with the PFC.
14. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com