Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 282Page - Renesas Technology Corp SH7101 Datasheet HTML 283Page - Renesas Technology Corp SH7101 Datasheet HTML 284Page - Renesas Technology Corp SH7101 Datasheet HTML 285Page - Renesas Technology Corp SH7101 Datasheet HTML 286Page - Renesas Technology Corp SH7101 Datasheet HTML 287Page - Renesas Technology Corp SH7101 Datasheet HTML 288Page - Renesas Technology Corp SH7101 Datasheet HTML 289Page - Renesas Technology Corp SH7101 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 252 of 448
REJ09B0394-0200
8.9
Port Output Enable (POE)
The port output enable (POE) can be used to establish a high-impedance state for high-current pins,
by changing the
POE0 to POE3 pin input, depending on the output status of the high-current pins
(PE9/TIOC3B, PE11/TIOC3D, PE12/TIOC4A, PE13/TIOC4B/
MRES, PE14/TIOC4C,
PE15/TIOC4D/
IRQOUT). It can also simultaneously generate interrupt requests.
The high-current pins also become high-impedance regardless of whether these pin functions are
selected in cases such as when the oscillator stops or in standby mode.
8.9.1
Features
• Each of the POE0 to POE3 input pins can be set for falling edge, Pφ/8 × 16, Pφ/16 × 16, or
P
φ/128 × 16 low-level sampling.
• High-current pins can be set to high-impedance state by POE0 to POE3 pin falling-edge or
low-level sampling.
• High-current pins can be set to high-impedance state when the high-current pin output levels
are compared and simultaneous low-level output continues for one cycle or more.
• Interrupts can be generated by input-level sampling or output-level comparison results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com