| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 290 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 290 Page - Renesas Technology Corp |
|
290 / 486 page ![]() 8. Multi-Function Timer Pulse Unit (MTU) Rev.2.00 Sep. 27, 2007 Page 256 of 448 REJ09B0394-0200 Bit Bit Name Initial value R/W Description 11 to 9 ⎯ All 0 R Reserved These bits are always read as 0. The write value should always be 0. 8 PIE 0 R/W Port Interrupt Enable This bit enables/disables interrupt requests when any of the POE0F to POE3F bits of the ICSR1 are set to 1 0: Interrupt requests disabled 1: Interrupt requests enabled 7 6 POE3M1 POE3M0 0 0 R/W R/W POE3 mode 1, 0 These bits select the input mode of the POE3 pin 00: Accept request on falling edge of POE3 input 01: Accept request when POE3 input has been sampled for 16 P φ/8 clock pulses, and all are low level. 10: Accept request when POE3 input has been sampled for 16 P φ/16 clock pulses, and all are low level. 11: Accept request when POE3 input has been sampled for 16 P φ/128 clock pulses, and all are low level. 5 4 POE2M1 POE2M0 0 0 R/W R/W POE2 mode 1, 0 These bits select the input mode of the POE2 pin 00: Accept request on falling edge of POE2 input 01: Accept request when POE2 input has been sampled for 16 P φ/8 clock pulses, and all are low level. 10: Accept request when POE2 input has been sampled for 16 P φ/16 clock pulses, and all are low level. 11: Accept request when POE2 input has been sampled for 16 P φ/128 clock pulses, and all are low level. 3 2 POE1M1 POE1M0 0 0 R/W R/W POE1 mode 1, 0 These bits select the input mode of the POE1 pin 00: Accept request on falling edge of POE1 input 01: Accept request when POE1 input has been sampled for 16 P φ/8 clock pulses, and all are low level. 10: Accept request when POE1 input has been sampled for 16 P φ/16 clock pulses, and all are low level. 11: Accept request when POE1 input has been sampled for 16 P φ/128 clock pulses, and all are low level. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |