Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 288Page - Renesas Technology Corp SH7101 Datasheet HTML 289Page - Renesas Technology Corp SH7101 Datasheet HTML 290Page - Renesas Technology Corp SH7101 Datasheet HTML 291Page - Renesas Technology Corp SH7101 Datasheet HTML 292Page - Renesas Technology Corp SH7101 Datasheet HTML 293Page - Renesas Technology Corp SH7101 Datasheet HTML 294Page - Renesas Technology Corp SH7101 Datasheet HTML 295Page - Renesas Technology Corp SH7101 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 258 of 448
REJ09B0394-0200
Bit
Bit Name
Initial
value
R/W
Description
9
OCE
0
R/W
Output Level Compare Enable
This bit enables the start of output level comparisons.
When setting this bit to 1, pay attention to the output pin
combinations shown in table 8.43, Mode Transition
Combinations. When 0 is output, the OSF bit is set to 1
at the same time when this bit is set, and output goes to
high impedance. Accordingly, bits 15 to 11 and bit 9 of
the port E data register (PEDR) are set to 1. For the
MTU output comparison, set the bit to 1 after setting the
MTU's output pins with the PFC. Set this bit only when
using pins as outputs.
When the OCE bit is set to 1, if OIE = 0 a high-
impedance request will not be issued even if OSF is set
to 1. Therefore, in order to have a high-impedance
request issued according to the result of the output level
comparison, the OIE bit must be set to 1. When OCE =
1 and OIE = 1, an interrupt request will be generated at
the same time as the high-impedance request:
however, this interrupt can be masked by means of an
interrupt controller (INTC) setting.
0: Output level compare disabled
1: Output level compare enabled; makes an output high
impedance request when OSF = 1.
8
OIE
0
R/W
Output Short Interrupt Enable
This bit makes interrupt requests when the OSF bit of
the OCSR is set.
0: Interrupt requests disabled
1: Interrupt request enabled
7 to 0
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Note:
*
The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com