| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 291 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 291 Page - Renesas Technology Corp |
|
291 / 486 page ![]() 8. Multi-Function Timer Pulse Unit (MTU) Rev.2.00 Sep. 27, 2007 Page 257 of 448 REJ09B0394-0200 Bit Bit Name Initial value R/W Description 1 0 POE0M1 POE0M0 0 0 R/W R/W POE0 mode 1, 0 These bits select the input mode of the POE0 pin 00: Accept request on falling edge of POE0 input 01: Accept request when POE0 input has been sampled for 16 P φ/8 clock pulses, and all are low level. 10: Accept request when POE0 input has been sampled for 16 P φ/16 clock pulses, and all are low level. 11: Accept request when POE0 input has been sampled for 16 P φ/128 clock pulses, and all are low level. Note: * The write value should always be 0. Output Level Control/Status Register (OCSR): The output level control/status register (OCSR) is a 16-bit readable/writable register that controls the enable/disable of both output level comparison and interrupts, and indicates status. If the OSF bit is set to 1, the high current pins become high impedance. Bit Bit Name Initial value R/W Description 15 OSF 0 R/(W)* Output Short Flag This flag indicates that any one pair of the three pairs of 2 phase outputs compared have simultaneously become low level outputs. [Clearing condition] • By writing 0 to OSF after reading an OSF = 1 [Setting condition] • When any one pair of the three 2-phase outputs simultaneously become low level 14 to 10 ⎯ All 0 R Reserved These bits are always read as 0. The write value should always be 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |