Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 284Page - Renesas Technology Corp SH7101 Datasheet HTML 285Page - Renesas Technology Corp SH7101 Datasheet HTML 286Page - Renesas Technology Corp SH7101 Datasheet HTML 287Page - Renesas Technology Corp SH7101 Datasheet HTML 288Page - Renesas Technology Corp SH7101 Datasheet HTML 289Page - Renesas Technology Corp SH7101 Datasheet HTML 290Page - Renesas Technology Corp SH7101 Datasheet HTML 291Page - Renesas Technology Corp SH7101 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 254 of 448
REJ09B0394-0200
8.9.2
Pin Configuration
Table 8.44
Pin Configuration
Name
Abbreviation
I/O
Description
Port output enable input pins
POE0 to POE3
Input
Input request signals to make high-
current pins high-impedance state
Table 8.45 shows output-level comparisons with pin combinations.
Table 8.45
Pin Combinations
Pin Combination
I/O
Description
PE9/TIOC3B and PE11/TIOC3D
Output
All high-current pins are made high-impedance state
when the pins simultaneously output low-level for
longer than 1 cycle.
PE12/TIOC4A and PE14/TIOC4C
Output
All high-current pins are made high-impedance state
when the pins simultaneously output low-level for
longer than 1 cycle.
PE13/TIOC4B/
MRES and
PE15/TIOC4D/
IRQOUT
Output
All high-current pins are made high-impedance state
when the pins simultaneously output low-level for
longer than 1 cycle.
8.9.3
Register Configuration
The POE has the two registers. The input level control/status register 1 (ICSR1) controls both
POE0 to POE3 pin input signal detection and interrupts. The output level control/status register
(OCSR) controls both the enable/disable of output comparison and interrupts.
Input Level Control/Status Register 1 (ICSR1): The input level control/status register (ICSR1)
is a 16-bit readable/writable register that selects the
POE0 to POE3 pin input modes, controls the
enable/disable of interrupts, and indicates status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com