Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 292Page - Renesas Technology Corp SH7101 Datasheet HTML 293Page - Renesas Technology Corp SH7101 Datasheet HTML 294Page - Renesas Technology Corp SH7101 Datasheet HTML 295Page - Renesas Technology Corp SH7101 Datasheet HTML 296Page - Renesas Technology Corp SH7101 Datasheet HTML 297Page - Renesas Technology Corp SH7101 Datasheet HTML 298Page - Renesas Technology Corp SH7101 Datasheet HTML 299Page - Renesas Technology Corp SH7101 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 262 of 448
REJ09B0394-0200
8.9.5
Usage Note
To set the POE pin as a level detection pin, a high level signal must be firstly input to the POE pin.
(1) Symptom
(a) Regarding the POEnF*
1 bits
If setting of the POEnF bits in the input level control/status registers (ICSR1 and ICSR2) by the
hardware*
2 and reading from these bits occur simultaneously, “0” will be read, where “1” should
be read.
Furthermore, if clearing of these bits is attempted subsequent to the above condition, the clearing
should be ignored*
3 but it will be carried out.
Notes: *1 For the SH7046-Series and SH7047-Series, n = 0 to 6; for the SH7144-Series, n = 0 to
3.
*2 The POEnF bits are set when the signals input to the respective POEn pins satisfy the
conditions that are specified by the POEnM1 and POEnM0 of the ICSR1 and ICSR2.
*3 The correct operation is that clearing of the POEnF bits is only possible after “1” is
read from them in order to prevent accidental clearing.
(b) Regarding the OSF bit
The same symptom applies to the OSF bits of the output level control/status register (OCSR).
(2) To Avoid This Problem
Please clear the POEnF bits or the OSF bit in these steps: first execute a read for ICSR1, ICSR2,
or OCSR, then write “0” to the bits that had a read value of “1” to clear them while writing “1” to
other bits. If this procedure is not followed, the POEnF bits and the OSF bit may be cleared
unexpectedly if their setting by hardware and reading occur simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com