Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 294Page - Renesas Technology Corp SH7101 Datasheet HTML 295Page - Renesas Technology Corp SH7101 Datasheet HTML 296Page - Renesas Technology Corp SH7101 Datasheet HTML 297Page - Renesas Technology Corp SH7101 Datasheet HTML 298Page - Renesas Technology Corp SH7101 Datasheet HTML 299Page - Renesas Technology Corp SH7101 Datasheet HTML 300Page - Renesas Technology Corp SH7101 Datasheet HTML 301Page - Renesas Technology Corp SH7101 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 486 page
background image
9. Watchdog Timer
Rev.2.00 Sep. 27, 2007 Page 264 of 448
REJ09B0394-0200
Overflow
Interrupt
control
ITI (interrupt
request signal)
Internal reset
signal*
Reset
control
RSTCSR
TCNT
TSCR
φ/2
φ/64
φ/128
φ/256
φ/512
φ/1024
φ/4096
φ/8192
Clock
Clock
select
Internal clock
sources
Bus
interface
Module bus
WDT
Legend:
TCSR:
Timer control/status register
TCNT:
Timer counter
RSTCSR: Reset control/status register
Note: * The internal reset signal can be generated by making a register setting.
Power-on reset or manual reset can be selected.
WDTOVF
Figure 9.1 Block Diagram of WDT
9.2
Input/Output Pin
Table 9.1 shows the pin configuration of the watchdog timer.
Table 9.1
Pin Configuration
Pin
Abbreviation
I/O
Function
Watchdog timer overflow
WDTOVF
O
Outputs the counter overflow signal in
watchdog timer mode
Note:
The
WDTOVF pin should not be pulled down. However, if it is necessary to pull this pin
down, a resistance of 1 M
Ω or higher should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com