Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 297Page - Renesas Technology Corp SH7101 Datasheet HTML 298Page - Renesas Technology Corp SH7101 Datasheet HTML 299Page - Renesas Technology Corp SH7101 Datasheet HTML 300Page - Renesas Technology Corp SH7101 Datasheet HTML 301Page - Renesas Technology Corp SH7101 Datasheet HTML 302Page - Renesas Technology Corp SH7101 Datasheet HTML 303Page - Renesas Technology Corp SH7101 Datasheet HTML 304Page - Renesas Technology Corp SH7101 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 486 page
background image
9. Watchdog Timer
Rev.2.00 Sep. 27, 2007 Page 267 of 448
REJ09B0394-0200
Bit
Bit Name
Initial Value
R/W
Description
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Select one of eight internal clock sources for input to
TCNT. The clock signals are obtained by dividing the
frequency of the system clock (
φ). The overflow
frequency for
φ = 40 MHz is enclosed in
parentheses*
3.
000: Clock
φ/2 (frequency: 12.8 μs)
001: Clock
φ/64 (frequency: 409.6 μs)
010: Clock
φ/128 (frequency: 0.8 ms)
011: Clock
φ/256 (frequency: 1.6 ms)
100: Clock
φ/512 (frequency: 3.3 ms)
101: Clock
φ/1024 (frequency: 6.6 ms)
110: Clock
φ/4096 (frequency: 26.2 ms)
111: Clock
φ/8192 (frequency: 52.4 ms)
Notes: 1. Only a 0 can be written after reading 1.
2. Section 9.3.3, Reset Control/Status Register (RSTCSR), describes in detail what
happens when TCNT overflows in watchdog timer mode.
3. The overflow interval listed is the time from when the TCNT begins counting at H'00
until an overflow occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com