Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 298Page - Renesas Technology Corp SH7101 Datasheet HTML 299Page - Renesas Technology Corp SH7101 Datasheet HTML 300Page - Renesas Technology Corp SH7101 Datasheet HTML 301Page - Renesas Technology Corp SH7101 Datasheet HTML 302Page - Renesas Technology Corp SH7101 Datasheet HTML 303Page - Renesas Technology Corp SH7101 Datasheet HTML 304Page - Renesas Technology Corp SH7101 Datasheet HTML 305Page - Renesas Technology Corp SH7101 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 486 page
background image
9. Watchdog Timer
Rev.2.00 Sep. 27, 2007 Page 268 of 448
REJ09B0394-0200
9.3.3
Reset Control/Status Register (RSTCSR)
RSTCSR is an 8-bit readable/writable register that controls the generation of the internal reset
signal when TCNT overflows, and selects the type of internal reset signal.
Bit
Bit Name
Initial
Value
R/W
Description
7
WOVF
0
R/(W)*
Watchdog Overflow Flag
This bit is set when TCNT overflows in watchdog timer
mode. This bit cannot be set in interval timer mode.
[Setting condition]
• Set when TCNT overflows in watchdog timer mode
[Clearing condition]
• Cleared by reading WOVF, and then writing 0 to
WOVF
6
RSTE
0
R/W
Reset Enable
Specifies whether or not a reset signal is generated in
the chip if TCNT overflows in watchdog timer mode.
0: Reset signal is not generated even if TCNT overflows
(Though this LSI is not reset, TCNT and TCSR in
WDT are reset)
1: Reset signal is generated if TCNT overflows
5
RSTS
0
R/W
Reset Select
Selects the type of internal reset generated if TCNT
overflows in watchdog timer mode.
0: Power-on reset
1: Manual reset
4 to 0
⎯
All 1
R
Reserved
These bits are always read as 1, and should only be
written with 1.
Note:
*
Only 0 can be written, for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com