Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 299Page - Renesas Technology Corp SH7101 Datasheet HTML 300Page - Renesas Technology Corp SH7101 Datasheet HTML 301Page - Renesas Technology Corp SH7101 Datasheet HTML 302Page - Renesas Technology Corp SH7101 Datasheet HTML 303Page - Renesas Technology Corp SH7101 Datasheet HTML 304Page - Renesas Technology Corp SH7101 Datasheet HTML 305Page - Renesas Technology Corp SH7101 Datasheet HTML 306Page - Renesas Technology Corp SH7101 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 486 page
background image
9. Watchdog Timer
Rev.2.00 Sep. 27, 2007 Page 269 of 448
REJ09B0394-0200
9.4
Operation
9.4.1
Watchdog Timer Mode
To use the WDT as a watchdog timer, set the WT/
IT and TME bits of TCSR to 1. Software must
prevent TCNT overflow by rewriting the TCNT value (normally by writing H'00) before overflow
occurs. No TCNT overflows will occur while the system is operating normally, but if TCNT fails
to be rewritten and overflows occur due to a system crash or the like, a
WDTOVF signal is output
externally. The
WDTOVF signal can be used to reset the system. The WDTOVF signal is output
for 128
φ clock cycles.
If the RSTE bit in RSTCSR is set to 1, a signal to reset the chip will be generated internally
simultaneous to the
WDTOVF signal when TCNT overflows. Either a power-on reset or a manual
reset can be selected by the RSTS bit in RSTCSR. The internal reset signal is output for 512
φ
clock cycles.
When a WDT overflow reset is generated simultaneously with a reset input at the
RES pin, the
RES reset takes priority, and the WOVF bit in RSTCSR is cleared to 0.
The following are not initialized by a WDT reset signal:
• POE (port output enable) of MTU registers
• PFC (pin function controller) registers
• I/O port registers
These registers are initialized only by an external power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com