Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 301Page - Renesas Technology Corp SH7101 Datasheet HTML 302Page - Renesas Technology Corp SH7101 Datasheet HTML 303Page - Renesas Technology Corp SH7101 Datasheet HTML 304Page - Renesas Technology Corp SH7101 Datasheet HTML 305Page - Renesas Technology Corp SH7101 Datasheet HTML 306Page - Renesas Technology Corp SH7101 Datasheet HTML 307Page - Renesas Technology Corp SH7101 Datasheet HTML 308Page - Renesas Technology Corp SH7101 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 486 page
background image
9. Watchdog Timer
Rev.2.00 Sep. 27, 2007 Page 271 of 448
REJ09B0394-0200
9.4.2
Interval Timer Mode
To use the WDT as an interval timer, clear WT/
IT to 0 and set TME to 1 in TCSR. An interval
timer interrupt (ITI) is generated each time the timer counter (TCNT) overflows. This function can
be used to generate interval timer interrupts at regular intervals.
TCNT value
H'FF
H'00
Overflow
WT/
IT = 0
TME = 1
Overflow
Overflow
Overflow
ITI
ITI
ITI
ITI
Time
Legend:
ITI: Interval timer interrupt request generation
Figure 9.3 Operation in Interval Timer Mode
9.4.3
Clearing Software Standby Mode
The watchdog timer has a special function to clear software standby mode with an NMI interrupt
or IRQ0 to IRQ3 interrupts. When using software standby mode, set the WDT as described below.
Before Transition to Software Standby Mode: The TME bit in TCSR must be cleared to 0 to
stop the watchdog timer counter before entering software standby mode. The chip cannot enter
software standby mode while the TME bit is set to 1. Set bits CKS2 to CKS0 in TCSR so that the
counter overflow interval is equal to or longer than the oscillation settling time. See section 19.3,
AC Characteristics, for the oscillation settling time.
Recovery from Software Standby Mode: When an NMI signal or
IRQ0 to IRQ3 signals are
received in software standby mode, the clock oscillator starts running and TCNT starts
incrementing at the rate selected by bits CKS2 to CKS0 before software standby mode was
entered. When TCNT overflows (changes from H'FF to H'00), the clock is presumed to be stable
and usable; clock signals are supplied to the entire chip and software standby mode ends.
For details on software standby mode, see section 17, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com